Part Number Hot Search : 
XFHCL HC1S80 E1000 74162 MC10E1 2700000 BU7421SG 10016
Product Description
Full Text Search
 

To Download 8121SD9ABE22 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K 8020 Series Snap-acting Momentary Pushbutton Switches
Features/Benefits * Positive tactile feel * Multi-positions available * Wide variety of termination options * Epoxy terminal seal compatible with
bottom wash cleaning
Typical Applications * Instrumentation * Computer peripherals * Telecommunications equipment
A Pushbutton
* RoHS complient models available
Models Available
Specifications
CONTACT RATING: B contact material (8X25 Models): 0.4 VA max. @ 20 V AC or DC maximum. G contact material (8X21, U8X1 Models): 1 AMP @ 120 V AC or 28 V DC or 0.4 VA max. @ 20 V AC or DC max. Note: Break-before-makecontacts. Multi-pole contacts do not make and break simultaneously. See page A-41 for additional ratings. ELECTRICAL LIFE: 60,000 make-and-break cycles at full load. CONTACT RESISTANCE: Below 50 m typ. initial @ 2-4 V DC, 100 mA, for both silver and gold plated contacts. INSULATION RESISTANCE: 109 min. DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level. OPERATING TEMPERATURE: 8X2X MODELS: -30C to 75C. U8X1 MODELS: -30C to 65C. CAP INSTALLATION FORCE: 10 lbs. max. permissible. SOLDERABILITY: Per MIL-STD-202F method 208D, or EIA RS-186E method 9 (1 hour steam aging).
NOTE: Any models supplied with B, P, R, or G contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center.
Materials
CASE: Glass filled nylon 6/6 or diallyl phthalate (DAP), flame retardant (UL 94V-0). PLUNGER: Glass filled nylon or glass filled polyester (PBT) (UL 94V-0). CAP & FRAME: Nylon, black, standard. BUSHING: Brass or zinc, nickel plated. HOUSING: Stainless steel. SWITCH SUPPORT: Brass or steel, matte-tin plated. N.O. & N.C. CONTACTS: 8X21, U8X1 MODELS: G contact material: Coin silver, with gold plate over nickel plate. See page A-41 for additional contact materials. 8X25 MODELS: B contact material: Copper alloy, with gold plate over nickel plate. See page A-41 for additional contact materials. COMMON CONTACT & ALL TERMINALS: Copper alloy, with gold plate over nickel plate. TERMINAL SEAL: Epoxy. Refer to slodering and cleaning Technical Data Chapter. HARDWARE: Nut & Locking Ring: Brass, nickel plated; Lockwasher: Steel, nickel plated.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages A-28 thru A-43. For additional options not shown in catalog, consult Customer Service Center. All models have epoxy terminal seal and are compatible with all "bottom-wash" PCB cleaning methods.
Switch Function 8121 SPDT On-Mom. 1 Amp 8125 SPDT On-Mom. 0.4VA 8221 DPDT On-Mom. 1 Amp 8225 DPDT On-Mom. 0.4VA 8321 3PDT On-Mom. 1 Amp 8325 3PDT On-Mom. 0.4VA 8421 4PDT On-Mom. 1 Amp 8425 4PDT On-Mom. 0.4VA
Note: UL/CSA models available, see page A-28 and A-29.
Actuator or Plunger S Plunger NONE Snap-in J80 Snap-in J81 Snap-in w/frame J82 Snap-in w/frame for LED J83 Snap-in w/frame & flush cap J84 Snap-in w/frame for LED, flush cap J85 Snap-in w/frame & LED J95 PC w/V-bracket & LED L Plunger M Snap-fitting plunger
Bushing D9 .280" high, keyway H .250" high, flat NONE No bushing choice required D .280" high, keyway D2 .288" high, flat D3 .180" high D8 .288" high, flat H9 .250" high, flat, hi torque Y .350" high, keyway Y3 6.35mm high, keyway, hi torque Y4 .378" high, flat, hi torque Y9 .350" high, keyway
Terminations A Right angle, PC thru-hole AV2 Vertical right angle, PC thru-hole C PC Thru-hole Z Solder lug A2 Right angle, PC thru-hole A3 Right angle, snap-in, PC thru-hole
Contact Material B Gold K Gold, tin-lead P Gold, matte-tin G Gold over silver L Gold over silver, tin-lead R Gold over silver, matte-tin Seal E Epoxy I Epoxy potted base Cap Color 2 Black NONE Models without caps 1 White 3 Red V2 V3 V4 V6 V7 V8 V9 .555" high, V-bracket .460" high, V-bracket .630" high, V-bracket .460" high, V-bracket .630" high, V-bracket .953" high, V-bracket 1.150" high, V-bracket
Frame Color 2 Black NONE Models without frame 1 White 3 Red 5 Yellow 6 Green 9 Gray LED Color 3 Red NONE Models without LED 5 Yellow 6 Green
4 5 6 7 9
Orange Yellow Green Blue Gray
A4 Right angle, PC thru-hole, reversed terminals A6 Right angle, PC thru-hole AV Vertical right angle, PC thru-hole AV1 Vertical right angle, PC thru-hole AV3 Vertical right angle, snap-in, PC thru-hole R Right angle with PCB R2 Right angle with PCB, reversed terminals
V31 .460" high, snap-in V-bracket V61 .460" high, snap-in V-bracket W .750" long, wire wrap W1 .964" long, wire wrap W3 .425" long, wire wrap W4 1.062" long, wire wrap Z3 Quick connect
Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-27
www.ittcannon.com
C&K 8020 Series Snap-acting Momentary Pushbutton Switches
A Pushbutton
SWITCH FUNCTION
SWITCH FUNCTION POS. 1 POS. 2 UL/CSA* MODEL NO. CONNECTED TERMINALS POS. 1 POS. 2
NO. POLES
MODEL NO.
C&K marking on opposite side
C&K marking on opposite side
SCHEMATIC
8121
SP
U811
ON ON
MOM. 1-3 1-2 SPDT MOM.
8125
SPDT
Part number shown: 8121SHZGE
Terminal Nos. For Reference Only ON ON MOM. 1-3,4-6 1-2,4-5 DPDT MOM.
8221
DP
U821
8225
DPDT
Part number shown: 8221SHZGE
Terminal Nos. For Reference Only ON ON MOM. 1-3,4-6,7-9 1-2,4-5,7-8 3PDT MOM.
8321
3P
U831
8325
3PDT
Part number shown: 8321SHZGE MOM. = Momentary *U811 thru U841 model numbers with all options (except R, R2 terminations) when ordered with G ,L or R contact material.
Terminal Nos. For Reference Only 8X25 models must be ordered with B, K or P contact material. 8X21 and U8X1 models must be ordered with G, L or R contact material.
Third Angle Projection Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-28
www.ittcannon.com
C&K 8020 Series Snap-acting Momentary Pushbutton Switches
SWITCH FUNCTION
SWITCH FUNCTION POS. 1 POS. 2 UL/CSA* MODEL NO. CONNECTED TERMINALS POS. 1 POS. 2
A Pushbutton
NO. POLES
MODEL NO.
C&K marking on opposite side
C&K marking on opposite side
SCHEMATIC
8421
4P
U841
ON ON
MOM. 1-3,4-6,7-9,10-12 1-2,4-5,7-8,10-11 4PDT MOM.
8425
4PDT
Part number shown: 8421SHZGE MOM. = Momentary * U811 thru U841 model numbers when ordered with G, L or R contact material. with all options (except R, R2 terminations)
Terminal Nos. For Reference Only 8X25 models must be ordered with B, K or P contact material. 8X21 and U8X1 models must be ordered with G, L or K contact material.
CAP COLOR
ACTUATOR--SNAP-IN FRONT MOUNT
ACTUATOR OR PLUNGER FRAME COLOR
J80
SNAP-IN
PANEL MOUNTING
OPTION CODE
** CAP AND FRAME COLOR BLACK No Frame Color (J80 option) WHITE RED ORANGE YELLOW GREEN BLUE GRAY PANEL MOUNTING NOTE: No frame color choice required. ** Increase this dim. to .620/.625 (15,75/15,88) for .091/.125 (2,31/3,18) thk. panels.
2 NONE 1 3 4 5 6 7 9
J81
SNAP-IN WITH FRAME
Other colors available, consult Customer Service Center. Cap and Frame Finish: matte. NOTE: Caps and frames available separately, see pages A-42 and A-43.
**
NOTE: Available with C, W-W4, Z or Z3 terminations and SPDT and DPDT models only. ** Increase this dim. to .620/.625 (15,75/15,88) for .091/.125 (2,31/3,18) thk. panels.
Third Angle Projection
Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-29
www.ittcannon.com
C&K 8020 Series Snap-acting Momentary Pushbutton Switches
CAP COLOR
A Pushbutton
J83
ACTUATOR--SNAP-IN FRONT MOUNT
ACTUATOR OR PLUNGER FRAME COLOR
SNAP-IN WITH FRAME AND FLUSH CAP PANEL MOUNTING
**
J82
SNAP-IN WITH FRAME FOR LED
LED not included. For LED information, see page A-43.
J84
SNAP-IN WITH FRAME FOR LED, FLUSH CAP
LED not included. For LED information, see page A-43.
OPTION CODE
CAP AND FRAME COLOR BLACK WHITE RED ORANGE YELLOW GREEN BLUE GRAY Other colors available, consult Customer Service Center. Cap and Frame Finish: matte. Available with C, W-W4, Z or Z3 terminations and SPDT and DPDT models only. NOTE: Caps and frames available separately, see pages A-42 and A-43.
2 1 3 4 5 6 7 9
Third Angle Projection
Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-30
www.ittcannon.com
C&K 8020 Series Snap-acting Momentary Pushbutton Switches
CAP COLOR LED COLOR
ACTUATOR--SNAP-IN FRONT MOUNT
ACTUATOR OR PLUNGER FRAME COLOR
A Pushbutton
J85
SNAP-IN WITH FRAME AND LED
PANEL MOUNTING
*
* Increase this dim. to .620/.625 (15,75/15,88) for .091/.125 (2,31/3,18) thk. panels.
8121J85ZGE223 SPST
Available with C, W-W4, Z or Z3 terminations and SPDT models only. For LED information see page A-43. NOTE: Caps & frames available separately, see pages A-42 and A-43. OPTION CODE CAP AND FRAME COLOR BLACK WHITE RED ORANGE YELLOW GREEN BLUE GRAY OPTION CODE LED COLOR RED YELLOW GREEN
2 1 3 4 5 6 7 9
3 5 6
For LED information see page A-43.
CAP COLOR
ACTUATOR--PC MOUNT
ACTUATOR OR PLUNGER LED COLOR
J95
PC WITH V-BRACKET AND LED PC MOUNTING
OPTION CODE
CAP AND FRAME COLOR BLACK WHITE RED ORANGE YELLOW GREEN BLUE GRAY
OPTION CODE
LED COLOR RED YELLOW GREEN
2 1 3 4 5 6 7 9
NOTE: Caps available separately, see page A-42. Available with V3 terminations and SPDT models only.
3 5 6
8121J95V3GE23 SPST
For LED information see page A-43.
Third Angle Projection Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-31
www.ittcannon.com
C&K 8020 Series Snap-acting Momentary Pushbutton Switches
A Pushbutton
S
PLUNGER AVAILABLE BUSHINGS D, D9 H, H9 Y, Y9 Y3 DIM. `A' FOR C, W-W4, Z & Z3 TERMINATIONS .244 (6,20) .218 (5,54) .203 (5,16) (5,54) .185 (4,70) N/A N/A
PLUNGER
ACTUATOR OR PLUNGER
DIM. `A' FOR A, A2, A3, A4, A6, AV-A 3, R & R2 TERMINATIONS .228 (5,79) .202 (5,13) .187 (4,75) (5,13) .169 (4,29) .232 (5,89) .162 (4,11)
DIM. `A' FOR V3-V61 TERMINATIONS .224 (5,69) .198 (5,03) .183 (4,65) (5,03) .165 (4,19) .228 (5,79) .158 (4,01)
NONE
Y4 NO PLUNGER CHOICE REQUIRED (JXX ACTUATORS) D2, D8 D3
L
PLUNGER
AVAILABLE BUSHINGS Y, Y9 Y4
DIM. `B' FOR C, W-W4, Z & Z3 TERMINATIONS .178 (4,52) .090 (2,29)
DIM. `B' FOR A, A2, A3, A4, A6, AV-A 3, R & R2 TERMINATIONS .162 (4,11) .074 (1,88)
DIM. `B' FOR V3-V61 TERMINATIONS .158 (4,01) .070 (1,78)
AVAILABLE BUSHINGS
DIM. `C' FOR C, W-W4, Z & Z3 TERMINATIONS .297 (7,54) .267 (6,78) .259 (6,58) (6,78) .259 (6,58) N/A N/A
DIM. `C' FOR A, A2, A3, A4, A6, AV-A 3, R & R2 TERMINATIONS .281 (7,14) .251 (6,38) .243 (6,17) (6,37) .243 (6,17) .273 (6,93) .361 (9,17)
DIM. `C' FOR V3-V61 TERMINATIONS .277 (7,04) .247 (6,27) .239 (6,07) (6,27) .239 (6,07) .269 (6,83) .357 (9,07)
M
SNAP-FITTING PLUNGER
D, D9 H, H9 Y, Y9 Y3 Y4 D2, D8 D3 N/A = NOT AVAILABLE
NOTE: When selecting plunger option, bushing selection must also be made, see next page. No plunger option is required when any JXX actuator option is selected. Additional plunger lengths are available on SPDT and DPDT models, consult Customer Service Center. Not all plunger lengths sufficient for use with caps, see page A-42.
BUSHING
NONE
NO BUSHING CHOICE REQUIRED (JXX ACTUATORS)
D .280" HIGH THREADED, KEYWAY D9 .280" HIGH UNTHREADED,
KEYWAY
H .250" HIGH THREADED, FLAT H9 .250" HIGH UNTHREADED, FLAT
Y .350" HIGH THREADED, KEYWAY Y9 .350" HIGH UNTHREADED, KEYWAY
1/4-40 UNS-2A
D9 bushing standard with A-A6, R, R2 AV-AV3 terminations.
H bushing standard with C, W-W4, Z or Z3 terminations. H, H9 bushings not available on single pole models with A3-A6, R, R2 terminations. Will withstand 12 in./lbs. of torque with no distortion. Third Angle Projection
Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-32
www.ittcannon.com
C&K 8020 Series Snap-acting Momentary Pushbutton Switches
BUSHING
Y3
6.35mm THREADED, KEYWAY
A
D2 D8
.288" HIGH THREADED, FLAT .288" HIGH UNTHREADED, FLAT
Y4
.378" HIGH THREADED, FLAT
D3
.180" HIGH UNTHREADED
Pushbutton
1/4-40 UNS-2A
Y3 & Y4 bushings not available on single pole models with A3-A6, R, R2 terminations. Will withstand 12 in./lbs. of torque with no distortion.
D2, D8 bushings not available with C, W-W4, Z, Z3 terminations.
D3 bushing available with A, A2, A3, AV, AV2, AV3 and V2-V61 terminations only.
NOTE: No bushing option choice required when JXX actuator option is selected. When selecting bushing option, plunger selection must also be made, see previous page. Plunger lengths vary with bushing and termination options selected.
NOTE: Two mounting nuts, locking ring and lockwasher supplied standard with threaded bushings. Optional mounting nut and locking ring styles available, see section "Technical Data and Additional Hardware".
TERMINATIONS
Z
SOLDER LUG
C
PC THRU-HOLE PC MOUNTING
SPDT thru 4PDT
Not available with J95 actuator, K, L, P or R contact material.
SPDT thru 4PDT
Not available with J95 actuator option.
Z3
QUICK CONNECT
W W1, W3, W4
WIRE WRAP OPTION CODE
DIM `A' .750 (19,05) .964 (24,49) .425 (10,80) 1.062 (26,97)
W
DIM A'
W1 W3 W4
SPDT thru 4PDT
Not available with J95 actuator, K, L, P or R contact material. Mating quick connector available,order part number 530100000, page A-42.
Not available with J95 actuator option.
SPDT thru 4PDT
Third Angle Projection Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-33
www.ittcannon.com
C&K 8020 Series Snap-acting Momentary Pushbutton Switches
A Pushbutton
A
RIGHT ANGLE, PC THRU-HOLE
TERMINATIONS
8121SD9AGE SPDT
.138 (3,51)
A3
RIGHT ANGLE, SNAP-IN, PC THRU-HOLE PC MOUNTING
Not available with JXX actuators and I seal. Terminal bend radii and lead-in manufacturing option.
A
RIGHT ANGLE, PC THRU-HOLE
8221SD9AGE DPDT
SECTION A-A
A3
RIGHT ANGLE, SNAP-IN, PC THRU-HOLE PC MOUNTING
Not available with JXX actuators and I seal option. Terminal bend radii and lead-in manufacturing option.
Third Angle Projection Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-34
www.ittcannon.com
C&K 8020 Series Snap-acting Momentary Pushbutton Switches
TERMINATIONS
A
RIGHT ANGLE, PC THRU-HOLE
A Pushbutton
PC MOUNTING
8321SD9AGE 3PDT
SECTION A-A
Not available with JXX actuators and I seal option. Terminal bend radii and lead-in manufacturing option.
A2
RIGHT ANGLE, PC THRU-HOLE
PC MOUNTING
8121SD9A2GE SPDT
Not available with JXX actuators, I seal option. Terminal bend radii and lead-in manufacturing option.
A4
RIGHT ANGLE, PC THRU-HOLE, REVERSED TERMINALS
8121SD9A4GE SPDT
Not available with JXX actuators, D3, H, H9, Y3, Y4 bushings and I seal. Terminal bend radii and lead-in manufacturing option.
The A4 and R2 termination options are functionally identical and fit the same PC mounting pattern. The switches, however, are shifted relative to the mounting holes. The PC pattern must clear the switch support legs. Unlike the R2, the A4 option is available with UL/CSA. Third Angle Projection Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-35
www.ittcannon.com
C&K 8020 Series Snap-acting Momentary Pushbutton Switches
A Pushbutton
A6
RIGHT ANGLE, PC THRU-HOLE
TERMINATIONS
PC MOUNTING
8121SD9A6GE SPDT
The A6 and R termination options are functionally identical and fit the same PC mounting pattern, The switches, however, are shifted relative to the mounting holes. The PC pattern must clear the switch support legs. Unlike the R, the A6 option is available with UL/CSA.
Not available with JXX actuators, D3, H, H9, Y3, Y4 bushings and I seal. Terminal bend radii and lead-in manufacturing option.
R
RIGHT ANGLE WITH PCB
PC MOUNTING
8121SD9RGE SPDT
Not available with JXX actuators, D3, H, H9, Y3, Y4 bushings, I seal option. R termination not UL/CSA approved.
R2
RIGHT ANGLE WITH PCB, REVERSED TERMINALS PC MOUNTING
8121SD9R2GE SPDT
Not available with JXX actuators, D3, H, H9, Y3, Y4 bushings, I seal option. R2 termination not UL/CSA approved.
Reversed terminals
AV
VERTICAL RIGHT ANGLE, PC THRU-HOLE, .100" PITCH PC MOUNTING
8121SD9AVGE SPDT
Third Angle Projection Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-36
www.ittcannon.com
C&K 8020 Series Snap-acting Momentary Pushbutton Switches
TERMINATIONS
AV2
VERTICAL RIGHT ANGLE, PC THRU-HOLE, .150" PITCH
A Pushbutton
8121SD9AV2GE SPDT
AV3
VERTICAL RIGHT ANGLE, SNAP-IN,, PC THRU-HOLE, .150" PITCH
AV1
VERTICAL RIGHT ANGLE, EXTENDED, PC THRU-HOLE, .150" PITCH PC MOUNTING
Not available with JXX actuators and I seal. Terminal bend radii and lead-in manufacturing option.
AV2
VERTICAL RIGHT ANGLE, PC THRU-HOLE, .150" PITCH
8221SD9AV2GE DPDT
AV3
VERTICAL RIGHT ANGLE, SNAP-IN, PC THRU-HOLE, .150" PITCH
AV1
VERTICAL RIGHT ANGLE, EXTENDED, PC THRU-HOLE, .150" PITCH
PC MOUNTING
.15 (3,8)
Not available with JXX actuators and I seal. Terminal bend radii and lead-in manufacturing option.
.33 TYP. (8,4)
Third Angle Projection Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-37
www.ittcannon.com
C&K 8020 Series Snap-acting Momentary Pushbutton Switches
A Pushbutton
AV2
TERMINATIONS
VERTICAL RIGHT ANGLE, PC THRU-HOLE, 150" PITCH
8321SD9AV2GE 3PDT
AV1
VERTICAL RIGHT ANGLE, EXTENDED, PC THRU-HOLE, .150" PITCH
PC MOUNTING
AV3
VERTICAL RIGHT ANGLE, SNAP-IN, PC THRU-HOLE, .150" PITCH
.15 (3,8)
Not available with JXX actuators and I seal. Terminal bend radii and lead-in manufacturing option.
.33 TYP. (8,4)
AV2
VERTICAL RIGHT ANGLE, PC THRU-HOLE, 150" PITCH
8421SD9AV2GE 4PDT
AV1
VERTICAL RIGHT ANGLE, EXTENDED, PC THRU-HOLE, .150" PITCH
PC MOUNTING
AV3
VERTICAL RIGHT ANGLE, SNAP-IN, PC THRU-HOLE, .150" PITCH
Not available with JXX actuators and I seal. Terminal bend radii and lead-in manufacturing option.
V2, V6, V7, V8 VERTICAL MOUNT, V-BRACKET V61 VERTICAL MOUNT, V-BRACKET, SNAP-IN
PC MOUNTING
OPTION CODE
DIM `A' .555 (14,10) .460 (11,68) .630 (16,00) .953 (24,21) Third Angle Projection
V2 V6, V61 V7
8121SD3__GE SPDT
Not available with JXX actuators and I seal.
V8
Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-38
www.ittcannon.com
C&K 8020 Series Snap-acting Momentary Pushbutton Switches
TERMINATIONS
V2, V6, V7, V8 VERTICAL MOUNT, V-BRACKET V61 VERTICAL MOUNT, V-BRACKET, SNAP-IN
PC MOUNTING
A Pushbutton
8221SD3__GE DPDT
OPTION CODE
DIM `A' .555 (14,10) .460 (11,68) .630 (16,00) .953 (24,21)
V2 V6, V61 V7
Not available with JXX actuators and I seal.
V8
V2, V7, V8
VERTICAL MOUNT, V-BRACKET
PC MOUNTING
8321SD3__GE 3PDT
OPTION CODE
DIM `A' .555 (14,10) .630 (16,00) .953 (24,21)
V2 V7
Not available with JXX actuators and I seal.
V8
V2, V7, V8
VERTICAL MOUNT, V-BRACKET PC MOUNTING
8421SD3__GE 4PDT
OPTION CODE Not available with JXX actuators and I seal. DIM `A' .555 (14,10) .630 (16,00) .953 (24,21) Third Angle Projection
V2 V7 V8
Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-39
www.ittcannon.com
C&K 8020 Series Snap-acting Momentary Pushbutton Switches
A Pushbutton
TERMINATIONS
V3, V4, V9 VERTICAL MOUNT, V-BRACKET V31 VERTICAL MOUNT, V-BRACKET, SNAP-IN
PC MOUNTING
8121SD3__GE SPDT
OPTION CODE
DIM `A' .460 (11,68) .630 (16,00) 1.150 (29,21)
V3, V31 V4
Not available with J8X actuators and I seal.
V9
V3, V4, V9 VERTICAL MOUNT, V-BRACKET V31 VERTICAL MOUNT, V-BRACKET, SNAP-IN
PC MOUNTING
8221SD3__GE DPDT
OPTION CODE
DIM `A' .460 (11,68) .630 (16,00) 1.150 (29,21)
V3, V31 V4 V9
Not available with J8X actuators and I seal.
V4, V9
VERTICAL MOUNT, V-BRACKET PC MOUNTING
.630 (16,00)
8321SD3V4GE 3PDT
Not available with JXX actuators and I seal.
OPTION CODE
DIM `A' .630 (16,00) 1.150 (29,21)
V4 V9
Third Angle Projection Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-40
www.ittcannon.com
C&K 8020 Series Snap-acting Momentary Pushbutton Switches
TERMINATIONS
V4, V9
VERTICAL MOUNT, V-BRACKET
A Pushbutton
PC MOUNTING
.630 (16,00)
8421SD3V4GE 4PDT
OPTION CODE
DIM `A' .630 (16,00) 1.150 (29,21)
V4 V9
Not available with JXX actuators and I seal.
CONTACT MATERIAL
OPTION CODE RoHS COMPLIANT * YES NO YES YES NO YES RoHS COMPATIBLE * YES YES YES YES YES YES GOLD OVER SILVER 2,3 GOLD 1 CONTACT MATERIAL TERMINAL PLATING GOLD 1 TIN-LEAD 4 MATTE-TIN GOLD
3 5
RATINGS
B K P G L R
LOW LEVEL/DRY CIRCUIT
8x25 MODELS ONLY: 0.4 MAX. @ 20 V AC OR DC MAX. 8X21, U8X1 MODELS ONLY: 0.4 VA MAX @ 20 V AC OR DC MAX. OR 1 AMP @ 120 V AC OR 28 V DC.
TIN-LEAD 4 MATTE-TIN 5
LOW LEVEL/DRY CIRCUIT OR POWER
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 2 3 4 5
ALL CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate. N.O. AND N.C. CONTACTS: Coin silver, with gold plate over nickel plate. COMMON CONTACTS & ALL TERMINALS: Copper alloy, with gold plate over nickel plate. TERMINALS: Copper alloy, with tin-lead alloy over nickel plate. TERMINALS: Copper alloy, with matte-tin over nickel plate.
NOTE: Any models supplied with B, P, R or G contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. U811-U841 models with all options (except R, R2 terminations) when ordered with mandatory G, R or L contact material. B, P or K contact material must be ordered with 8X25 models. G, R or L contact material must be ordered with 8X21, U8X1 models. P, R, K or L contact material not available with Z, Z3 terminations.
SEAL
E
EPOXY SEAL
I
EPOXY POTTED BASE
NO. POLES SP DP 3P 4P
DIM `A' .410 (10,41) .440 (11,18) .505 (12,83) .505 (12,83)
NOTE: Available with C, W-W4, Z, Z3 terminations only. Third Angle Projection Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-41
www.ittcannon.com
C&K 8020 Series Snap-acting Momentary Pushbutton Switches
A Pushbutton
Cap
AVAILABLE HARDWARE
Cap Cap
PART NO.
PART NO. WHITE BLACK RED ORANGE YELLOW GREEN BLUE GRAY
PART NO. WHITE BLACK RED ORANGE YELLOW GREEN BLUE GRAY
708901000 708902000 708903000 708904000 708905000 708906000 708907000 708909000
Material: Nylon Finish: Gloss
752701000 752702000 752703000 752704000 752705000 752706000 752707000 752709000
Material: Nylon Finish: Gloss
801801000 801802000 801803000 801804000 801805000 801806000 801807000 801809000
Material: Nylon Finish: Gloss
WHITE BLACK RED ORANGE YELLOW GREEN BLUE GRAY
Cap, Snap-fitting plunger
Cap, Snap-fitting plunger
Cap, J80, J81, J82, J83 & J84 options only
PART NO.
PART NO. WHITE BLACK RED ORANGE YELLOW GREEN BLUE GRAY
PART NO. WHITE BLACK RED ORANGE YELLOW GREEN BLUE GRAY
PART NO. WHITE BLACK RED ORANGE YELLOW GREEN BLUE GRAY
894001000 894002000 894003000 894004000 894005000 894006000 894007000 894009000
Material: Nylon Finish: Gloss Frame
894101000 894102000 894103000 894104000 894105000 894106000 894107000 894109000
Material: Nylon Finish: Gloss Frame
484601000 484602000 484603000 484604000 484605000 484606000 484607000 484609000
Material: Nylon Finish: Gloss
798201000 798202263 798203000 798204000 798205000 798206000 798207000 798209000
Material: Nylon Finish: Matte
WHITE BLACK RED ORANGE YELLOW GREEN BLUE GRAY
Cap, J85 & J95 options only
PART NO. PART NO. PART NO. WHITE BLACK RED YELLOW GREEN GRAY
PART NO.
615601000 615602263 615603000 615605000 615606000 615609000
Material: Nylon Finish: Matte
613301000 613302263 613303000 613305000 613306000 613309000
Material: Nylon Finish: Matte
WHITE BLACK RED YELLOW GREEN GRAY
459701000 459702000 459703000 459704000 459705000 459706000 459707000 459709000
Material: Nylon Finish: Gloss
459701000 459702000 459703000 459704000 459705000 459706000 459707000 459709000
Material: Nylon Finish: Matte
WHITE BLACK RED ORANGE YELLOW GREEN BLUE GRAY
Fits Z3 Termination female connector NOTE: Additional nuts, locking rings and lockwashers available separately, see section "Technical Data and Additional Hardware". Other cap & frame colors available, consult Customer Service Center.
PART NO.
530100000
Available in loose pieces. Third Angle Projection Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-42
www.ittcannon.com
C&K 8020 Series Snap-acting Momentary Pushbutton Switches
AVAILABLE HARDWARE
Frames snap into panel opening and are independent from switch mounting. Accurate positioning of the PC mounted switch relative to the panel opening is necessary to provide proper clearance between actuator and frame. Available in two basic styles and four panel thicknesses .047-.125 in. Material: Nylon. Finish: Matte.
TYPICAL APPLICATION
A Pushbutton
.047" (1,19) PANEL THK. PART NO.
.062" (1,57) PANEL THK. PART NO.
.090" (2,29) PANEL THK. PART NO.
.125" (3,18) PANEL THK. PART NO.
432501000 432502263 432503000 432505000 432506000 432509000
432601000 432602263 432603000 432605000 432606000 432609000
432701000 432702263 432703000 432705000 432706000 432709000
432801000 432802263 432803000 432805000 432806000 432809000
WHITE BLACK RED YELLOW GREEN GRAY
Panel Inserts
Above frames (part nos. 432XXXXXX) are also available with insert which accepts LED for indicator light assembly. Order insert separately from frame. Blank insert panel (without hole for LED) also available. LED not included.
PANEL INSERT WITH HOLE FOR LED PART NO.
BLANK PANEL INSERT WITHOUT HOLE FOR LED PART NO.
894901000 894902000 894903000 894905000 894906000 894909000
476601000 476602000 476603000 476605000 476606000 476609000
WHITE BLACK RED YELLOW GREEN GRAY
Special colors, custom markings available, consult Customer Service Center.
LED INFORMATION
SWITCHES WITH LED SUPPLIED: J85, J95 OPTIONS: Rectangular LEDs are supplied on 8020 Series pushbutton switches with J85 and J95 options. These LEDs are factory installed and are not replaceable. The following specifications apply:
TYP. FORWARD VOLTAGE TYP. FORWARD CURRENT 20 mA 2.1 V 10 mA 20 mA 2.5 V MAX RATINGS AT 25C AMBIENT TEMPERATURE FORWARD VOLTAGE CONTINUOUS FORWARD CURRENT 50 mA 30 mA 50 mA POWER DISSIPATION 125 mW 75 mW 125 mW .230 DIA. (5,84) .030 (0,76) .340 (8,64) Suggested LED for J82 & J84 options. Dimensions for reference only. .750 (19,05) Flat denotes cathode. .200 DIA. (5,08) .025 SQ. TYP. (0,63)
OPTION CODE 6 3 5
COLOR Green Red* Yellow
TYP. INTENSITY 1.0 mcd 0.5 mcd 4.0 mcd
Process Information: Soldering to LED leads must be completed within 5 seconds at 500F (260C) maximum. Caution: Circuit elements must limit forward current of LED to 50mA max. continuous. * Extra-bright red LED available (typ. intensity 4.5 mcd), consult Customer Service Center. LEDs are not supplied with J82, J84 options. LED snaps into switch frame surrounding actuator and is wired externally.
Third Angle Projection Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-43
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of 8121SD9ABE22

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X